Part Number Hot Search : 
PCF50605 C1801 6011E MUR810G PA240 HM6264BI PN8112 M2037
Product Description
Full Text Search
 

To Download AT90SC6464C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* Accurate Real-time Emulation of AT91SC, AT90SC and AT05SC Secure Microcontroller * * * * * * * * * * * * *
Products Non-intrusive Emulation Breakpoint Capability on any Hardware Instruction or Address Emulation Allows Multiple Resets Real-time Variables Code Coverage 128-bit by 64K Deep Bus Trace Watch Points and Breakpoints Complex Triggering Capability External Triggering Ability Fast System Context Save and Retrieval Integrated User Help Hardware I/O Capability (USB, ISO, SPI & Contactless All Supported) Advanced Scripting Support Not all features are available on the first release of the system.
Secure Microcontroller for Smart Cards Voyager Emulation Platform (ATV1)
Note:
System Requirements
* A PC Running Windows(R) 95/98/2000 or Windows NT(R) * C-Spy(R) Debugger from IAR Systems Installed (May be Obtained Directly from IAR
Systems)
Overview
The ATV1 (Voyager), designed and manufactured by Atmel, provides a flexible emulation platform to support current and future Smart Card products. This platform has the intrinsic ability to support ARM (R) (AT91SC), AVR (R) (AT90SC) and HC05 (AT05SC) based smart card products, and has been designed to be both flexible and easy to use. For maximum flexibility, the system has been designed to be upgraded easily. It has been engineered to support future device architectures. Switching to support other devices within a given core family is done simply by running a software utility that guides the user through the device update process - there is no need to change PCBs or jumper settings. For maximum usability, the system provides support for the IAR Systems C-Spy frontend. It also uses a proprietary configuration control application, which allows the developer not only to configure the hardware setup, but also to perform a variety of functions such as bus state analysis and code coverage.
Rev. 1553BS-SMIC-03/02
Note: This is a summary document. A complete document is available under NDA. For more information, please contact your local Atmel sales office.
Figure 1. The ATV1 Development System
Power Switch Reset Switch
Status Indicators
USB Port
SCADPT5 and SPI Port (ISO7816 Compatible)
Ordering Information
Order the ATV1 using the following Atmel product name and part number.
Atmel Product Name Voyager Emulation Platform Atmel Product Part Number ATV1-- 90SCxxxx, where x defines the SC identity, for example, 6464C
Contact Details
Contact your local Atmel sales office to order the Voyager Emulation Platform. Contact IAR's Regional offices and distributors at http://www.iar.com or email info@iar.com to order C-Spy Debugger.
(c) Atmel Corporation 2002. Atmel Corporation makes no warranty for the use of its products, other than those expressly contained in the Company's standard warranty which is detailed in Atmel's Terms and Conditions located on the Company's web site. The Company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time without notice, and does not make any commitment to update the information contained herein. No licenses to patents or other intellectual property of Atmel are granted by the Company in connection with the sale of Atmel products, expressly or by implication. Atmel's products are not authorized for use as critical components in life support devices or systems. Corporate Headquarters, 2325 Orchard Parkway, San Jose, CA 95131, TEL (408) 441-0311, FAX (408) 487-2600 Atmel Colorado Springs, 1150 E. Cheyenne Mtn. Blvd., Colorado Springs, CO 80906, TEL (719) 576-3300, FAX (719) 540-1759 Atmel Grenoble, Avenue de Rochepleine, BP 123, 38521 Saint-Egreve Cedex, France, TEL (33) 4-7658-3000, FAX (33) 4-7658-3480 Atmel Heilbronn, Theresienstrasse 2, POB 3535, D-74025 Heilbronn, Germany, TEL (49) 71 31 67 25 94, FAX (49) 71 31 67 24 23 Atmel Nantes, La Chantrerie, BP 70602, 44306 Nantes Cedex 3, France, TEL (33) 0 2 40 18 18 18, FAX (33) 0 2 40 18 19 60 Atmel Rousset, Zone Industrielle, 13106 Rousset Cedex, France, TEL (33) 4-4253-6000, FAX (33) 4-4253-6001 Atmel Smart Card ICs, Scottish Enterprise Technology Park, East Kilbride, Scotland G75 0QR, TEL (44) 1355-803-000, FAX (44) 1355-242-743
ATMEL (R) and AVR (R) are the registered trademarks of Atmel. ARM (R) is the registered trademark of ARM Ltd.; Windows(R) 95/98/2000 and Windows NT (R) are the registered trademarks of Microsoft Corporation; C-Spy (R) is the registered trademark of IAR Systems AB. Other terms and product names may be the trademarks of others. Printed on recycled paper.
1553BS-SMIC-03/02
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of AT90SC6464C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X